Part Number Hot Search : 
600ETTT SMB85A 1NHFT N54LS AA3020 XXXXXX X24645PM 00102
Product Description
Full Text Search
 

To Download BLF202TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product speci?cation supersedes data of 1999 oct 20 2003 sep 19 discrete semiconductors blf202 hf/vhf power mos transistor m3d175
2003 sep 19 2 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 features high power gain easy power control gold metallization good thermal stability withstands full load mismatch. applications communications transmitters in the hf/vhf range with a nominal supply voltage of 12.5 v. description silicon n-channel enhancement mode vertical d-mos transistor in an 8-lead sot409a smd package with a ceramic cap. pinning - sot409a pin description 1, 8 source 2, 3 gate 4, 5 source 6, 7 drain handbook, halfpage mbk150 top view 14 85 fig.1 simplified outline. quick reference data rf performance at t mb =25 c in a common source test circuit. mode of operation f (mhz) v ds (v) p l (w) g p (db) h d (%) cw, class-b 175 12.5 2 > 10 > 50 caution this product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport and handling. for further information, refer to philips specs.: snw-eq-608, snw-fq-302a, and snw-fq-302b.
2003 sep 19 3 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 limiting values in accordance with the absolute maximum system (iec 60134). thermal characteristics symbol parameter conditions min. max. unit v ds drain-source voltage - 40 v v gs gate-source voltage - 20 v i d drain current (dc) - 1a p tot total power dissipation t mb 85 c - 5.7 w t stg storage temperature - 65 150 c t j junction temperature - 200 c symbol parameter conditions value unit r th j-mb thermal resistance from junction to mounting base t mb 85 c; p tot = 5.7 w 20.5 k/w handbook, halfpage mcd789 110 v ds (v) i d (a) 10 2 10 1 10 - 1 10 - 2 (1) (2) fig.2 dc soar. (1) current is this area may be limited by r dson . (2) t mb =85 c.
2003 sep 19 4 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 characteristics t j =25 c unless otherwise speci?ed. symbol parameter conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 3 ma; v gs =0 40 -- v v gsth gate-source threshold voltage i d = 3 ma; v ds =10v 2 - 4.5 v i dss drain-source leakage current v gs = 0; v ds = 12.5 v -- 10 m a i gss gate-source leakage current v gs = 20 v; v ds =0 -- 1 m a i dsx on-state drain current v gs = 15 v; v ds =10v - 1.3 - a r dson drain-source on-state resistance i d = 0.3 a; v gs =15v - 3.5 4 w g fs forward transconductance i d = 0.3 a; v ds = 10 v 80 135 - ms c is input capacitance v gs = 0; v ds = 12.5 v; f = 1 mhz - 5.3 - pf c os output capacitance v gs = 0; v ds = 12.5 v; f = 1 mhz - 7.8 - pf c rs feedback capacitance v gs = 0; v ds = 12.5 v; f = 1 mhz - 1.8 - pf v gs group indicator group limits (v) group limits (v) min. max. min. max. a 2.0 2.1 o 3.3 3.4 b 2.1 2.2 p 3.4 3.5 c 2.2 2.3 q 3.5 3.6 d 2.3 2.4 r 3.6 3.7 e 2.4 2.5 s 3.7 3.8 f 2.5 2.6 t 3.8 3.9 g 2.6 2.7 u 3.9 4.0 h 2.7 2.8 v 4.0 4.1 j 2.8 2.9 w 4.1 4.2 k 2.9 3.0 x 4.2 4.3 l 3.0 3.1 y 4.3 4.4 m 3.1 3.2 z 4.4 4.5 n 3.2 3.3
2003 sep 19 5 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 handbook, halfpage 15 - 5 5 10 0 mgp111 11010 2 10 3 t.c. (mv/k) i d (ma) fig.3 temperature coefficient of gate-source voltage as a function of drain current; typical values. v ds =10v. handbook, halfpage 0 1600 800 1200 400 0 420 mgp112 81216 i d (ma) v gs (v) fig.4 drain current as a function of gate-source voltage; typical values. v ds = 10 v; t j =25 c. handbook, halfpage 0 40 80 160 5 0 4 120 3 2 1 mgp113 r dson ( w ) t j ( c) fig.5 drain-source on-state resistance as a function of junction temperature; typical values. v gs = 15 v; i d = 0.3 a. handbook, halfpage 048 16 30 10 0 20 mgp114 12 c (pf) v ds (v) c os c is fig.6 input and output capacitance as functions of drain-source voltage; typical values. v gs = 0; f = 1 mhz.
2003 sep 19 6 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 handbook, halfpage 048 16 5 0 4 mgp115 12 3 2 1 c rs (pf) v ds (v) fig.7 feedback capacitance as a function of drain-source voltage; typical values. v gs = 0; f = 1 mhz. application information for class-b operation t mb =25 c; r gs = 237 w ; unless otherwise speci?ed. rf performance in cw operation in a common source class-b test circuit. ruggedness in class-b operation the blf202 is capable of withstanding a load mismatch corresponding to vswr = 50:1 through all phases under the following conditions: v ds = 15.5 v; f = 175 mhz at rated load power. mode of operation f (mhz) v ds (v) i dq (ma) p l (w) g p (db) h d (%) cw, class-b 175 12.5 20 2 > 10 > 50 typ. 13 typ. 55
2003 sep 19 7 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 handbook, halfpage 1 20 12 16 8 0 4 100 60 80 40 0 20 1.5 3.5 mgp116 2 2.5 3 g p (db) p l (w) h d (%) h d g p fig.8 power gain and efficiency as a functions of load power; typical values. class-b operation; v ds = 12.5 v; i dq = 20ma; f = 175 mhz. handbook, halfpage 0 0.2 0.4 0.8 4 3 1 0 2 mgp117 0.6 p l (w) p in (w) fig.9 load power as a function of input power; typical values. class-b operation; v ds = 12.5 v; i dq = 20 ma; f = 175 mhz. handbook, full pagewidth mgp118 c5 c7 50 w input c1 c3 c4 l1 l2 d.u.t. l3 l4 l5 r1 r2 r4 r3 c2 c9 c8 c10 + v d c11 l6 r6 r5 c6 50 w output fig.10 test circuit for class-b operation. f = 175 mhz.
2003 sep 19 8 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 list of components (see fig.10) notes 1. american technical ceramics (atc) capacitor, type 100b or other capacitor of the same quality. 2. the striplines are on a double copper-clad printed-circuit board, with ptfe fibre-glass dielectric ( e r = 2.2), thickness 1.6 mm. component description value dimensions catalogue no. c1, c11 ?lm dielectric trimmer 2 to 9 pf 2222 809 09005 c2, c9 ?lm dielectric trimmer 2 to 9 pf 2222 809 09002 c3, c5 multilayer ceramic chip capacitor; note 1 1 nf; 500 v c4, c6 multilayer ceramic chip capacitor 2 100 nf in parallel, 50 v 2222 852 47104 c7 sprague electrolytic tantalum capacitor 2.2 m f; 35 v c8 multilayer ceramic chip capacitor; note 1 5.1 pf; 500 v c10 multilayer ceramic chip capacitor; note 1 9.1 pf; 500 v l1 8 turns enamelled 0.8 mm copper wire 137 nh length 5.1 mm; int. dia. 4 mm; leads 2 5mm l2, l3 stripline; note 2 81 w 8mm 2mm l4 3 turns enamelled 1 mm copper wire 57 nh length 5 mm; int. dia. 6 mm; leads 2 5mm l5 9 turns enamelled 1 mm copper wire 355 nh length 11 mm; int. dia. 7 mm; leads 2 5mm l6 grade 3b ferroxcube rf choke 4312 020 36642 r1 0.4 w metal ?lm resistor 237 w 2322 151 72371 r2 0.4 w metal ?lm resistor 1 k w 2322 151 71002 r3 0.4 w metal ?lm resistor 1 m w 2322 151 71005 r4 10 turns cermet potentiometer 5 k w r5 0.4 w metal ?lm resistor 7.5 k w 2322 151 77502 r6 1 w metal ?lm resistor 10 w 2322 153 51009
2003 sep 19 9 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 handbook, halfpage 0 50 100 200 250 0 - 125 125 150 mgp119 z i ( w ) f (mhz) r i x i fig.11 input impedance as a function of frequency (series of components); typical values. class b-operation; v ds = 12.5 v; i dq =20ma; r gs = 237 w ; p l =2w. handbook, halfpage 0 50 100 200 50 0 40 mgp120 150 30 20 10 z l ( w ) f (mhz) x l r l fig.12 load impedance as a function of frequency (series components); typical values. class b-operation; v ds = 12.5 v; i dq = 20 ma; r gs = 237 w ; p l =2w. handbook, halfpage mba379 z i z l fig.13 definition of mos impedance. handbook, halfpage 0 50 100 200 20 10 0 5 15 mgp121 150 g p (db) f (mhz) fig.14 power gain as a function of frequency; typical values. class b-operation; v ds = 12.5 v; i dq = 20 ma; r gs = 237 w ; p l =2w.
2003 sep 19 10 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 mounting recommendations both the metallized ground plate and the device leads contribute to the heat flow. it is recommended that the transistor be mounted on a grounded metallized area of the printed-circuit board. this area should be of maximum 0.8 mm thickness and include at least 12 x 0.5 diameter through metallized holes filled with solder. a thermal resistance r th(mb-h) of 5 k/w can be achieved if heatsink compound is applied when the transistor is mounted on the printed-circuit board. handbook, full pagewidth mgk390 1.87 (2 ) 4.60 0.80 (2 ) 0.60 (4 ) 0.50 (12 ) 1.00 (8 ) 1.00 (9 ) 3.60 7.38 fig.15 footprint sot409a. dimensions in mm.
2003 sep 19 11 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 blf202 scattering parameters v ds = 12.5 v; i d = 20 ma; note 1 note 1. for more extensive s-parameters see internet: http://www.semiconductors.philips.com/markets/communications/wirelesscommunications/broadcast. f (mhz) s 11 s 21 s 12 s 22 |s 11 | ef |s 21 | ef |s 12 | ef |s 22 | ef 5 1.00 - 2.00 5.76 178.30 0.01 88.30 0.97 - 2.40 10 1.00 - 4.00 5.75 176.50 0.01 86.70 0.97 - 4.90 20 1.00 - 7.90 5.72 172.90 0.02 83.40 0.97 - 9.70 30 0.99 - 11.90 5.69 169.40 0.03 80.20 0.97 - 14.50 40 0.99 - 15.80 5.65 165.90 0.04 77.00 0.96 - 19.30 50 0.98 - 19.60 5.58 162.40 0.05 73.80 0.96 - 23.90 60 0.97 - 23.40 5.51 159.00 0.06 70.70 0.95 - 28.50 70 0.96 - 27.00 5.42 - 155.70 0.07 67.70 0.94 - 33.00 80 0.94 - 30.70 5.33 152.40 0.08 64.80 0.93 - 37.40 90 0.93 - 34.10 5.23 149.30 0.09 62.00 0.92 - 41.60 100 0.92 - 37.50 5.12 146.40 0.10 59.40 0.92 - 45.60 125 0.89 - 45.60 4.86 139.30 0.12 53.10 0.89 - 55.30 150 0.85 - 53.00 4.58 132.60 0.13 47.20 0.87 - 64.10 175 0.82 - 59.80 4.29 126.60 0.14 42.00 0.85 - 72.00 200 0.79 - 66.00 4.03 121.20 0.15 37.70 0.83 - 79.20 250 0.74 - 77.00 3.55 111.30 0.17 29.30 0.79 - 91.70 300 0.70 - 86.30 3.15 103.30 0.17 23.10 0.77 - 101.90 350 0.68 - 94.30 2.80 96.00 0.18 17.30 0.76 - 110.30 400 0.66 - 101.40 2.52 89.80 0.18 12.90 0.75 - 117.20 450 0.64 - 107.80 2.27 83.80 0.18 8.60 0.74 - 123.20 500 0.64 - 113.50 2.07 78.80 0.18 5.20 0.74 - 128.30 600 0.63 - 123.80 1.75 69.60 0.17 - 0.70 0.74 - 136.60 700 0.64 - 132.60 1.51 61.40 0.15 - 5.30 0.75 - 143.20 800 0.65 - 140.60 1.32 54.40 0.14 - 8.20 0.76 - 148.60 900 0.67 - 148.10 1.16 48.20 0.12 - 9.70 0.77 - 153.30 1000 0.68 - 155.00 1.04 42.90 0.11 - 9.20 0.78 - 157.40
2003 sep 19 12 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 package outline references outline version european projection issue date iec jedec eiaj sot409a 0 2.5 5 mm scale a q 1 l ceramic surface mounted package; 8 leads sot409a unit c bd e e 2 hh 1 lq 1 a a w 1 w 2 mm 0.23 0.18 0.58 0.43 4.93 4.01 5.94 5.03 d 2 5.16 5.00 4.14 3.99 e 1.27 4.39 4.24 7.47 7.26 0.25 7 0 0.25 dimensions (millimetre dimensions are derived from the original inch dimensions) 1.02 0.51 0.10 0.00 a 2.36 2.06 inches 0.009 0.007 0.023 0.017 0.194 0.158 0.234 0.198 0.203 0.197 0.163 0.157 0.050 0.173 0.167 0.294 0.286 0.010 7 0 0.010 0.040 0.020 0.004 0.000 0.093 0.081 98-01-27 c h 14 85 e a e 2 b h 1 d d 2 e b w 2 w 1 b
2003 sep 19 13 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 data sheet status notes 1. please consult the most recently issued data sheet before initiating or completing a design. 2. the product status of the device(s) described in this data sheet may have changed since this data sheet was published. the latest information is available on the internet at url http://www.semiconductors.philips.com. 3. for data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. level data sheet status (1) product status (2)(3) definition i objective data development this data sheet contains data from the objective speci?cation for product development. philips semiconductors reserves the right to change the speci?cation in any manner without notice. ii preliminary data quali?cation this data sheet contains data from the preliminary speci?cation. supplementary data will be published at a later date. philips semiconductors reserves the right to change the speci?cation without notice, in order to improve the design and supply the best possible product. iii product data production this data sheet contains data from the product speci?cation. philips semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. relevant changes will be communicated via a customer product/process change noti?cation (cpcn). definitions short-form specification ? the data in a short-form specification is extracted from a full data sheet with the same type number and title. for detailed information see the relevant data sheet or data handbook. limiting values definition ? limiting values given are in accordance with the absolute maximum rating system (iec 60134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the specification is not implied. exposure to limiting values for extended periods may affect device reliability. application information ? applications that are described herein for any of these products are for illustrative purposes only. philips semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. disclaimers life support applications ? these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips semiconductors for any damages resulting from such application. right to make changes ? philips semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. when the product is in full production (status production), relevant changes will be communicated via a customer product/process change notification (cpcn). philips semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
? koninklijke philips electronics n.v. 2003 sca75 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not con vey nor imply any license under patent- or other industrial or intellectual property rights. philips semiconductors C a worldwide company contact information for additional information please visit http://www.semiconductors.philips.com . fax: +31 40 27 24825 for sales of?ces addresses send e-mail to: sales.addresses@www.semiconductors.philips.com . printed in the netherlands 613524/02/pp 14 date of release: 2003 sep 19 document order number: 9397 750 11595


▲Up To Search▲   

 
Price & Availability of BLF202TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X